PART |
Description |
Maker |
R1RP0416DSB-2PR R1RP0416D R1RP0416DGE-2LR R1RP0416 |
Memory>Fast SRAM>Asynchronous SRAM 4M High Speed SRAM (256-kword X 16-bit) From old datasheet system
|
http:// RENESAS[Renesas Electronics Corporation] Renesas Electronics Corporation.
|
AS7C256A AS7C256A-10JC AS7C256A-15JCN AS7C256A-15J |
IC,AS7C256A-10TCN,TSOP-28 ASY SRAM,10NS,32K X 8,5V 5V 32K X 8 CMOS SRAM (Common I/O) 32K X 8 STANDARD SRAM, 20 ns, PDSO28 SRAM - 5V Fast Asynchronous
|
ALLIANCE MEMORY INC Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
R1RP0416DGE-2PI R1RP0416DSB-2PI |
Memory>Fast SRAM>Asynchronous SRAM
|
Renesas
|
GS74104J-12 GS74104J-10 GS74104J-10I GS74104J-12I |
10ns 1M x 4 4Mb asynchronous SRAM 8ns 1M x 4 4Mb asynchronous SRAM 12ns 1M x 4 4Mb asynchronous SRAM
|
http:// GSI Technology
|
GS76024B-15I GS76024B-10 GS76024B-10I GS76024B-12 |
6Mb56K x 24Bit)Asynchronous SRAM(6M位(256K x 24位)异步静态RAM) 256K x 24 6Mb Asynchronous SRAM
|
GSI[GSI Technology]
|
UPD4382362GF-A75B UPD4382322GF-A75B UPD4382182GF-A |
x18 Fast Synchronous SRAM x16 Fast Synchronous SRAM x16快速同步SRAM x36 Fast Synchronous SRAM x36快速同步SRAM x32 Fast Synchronous SRAM X32号,快速同步SRAM
|
Electronic Theatre Controls, Inc.
|
GS74116A GS74116ATP-10 GS74116AJ-12I GS74116AJ-12I |
256K X 16 STANDARD SRAM, 7 ns, PDSO44 256K x 16 4Mb Asynchronous SRAM 256K × 16 4Mb的异步SRAM RES, MTF 20K 1/4W 2% ER 16C 16#16 SKT PLUG ER 13C 3#8 3#12 7#16 SKT PLUG 10ns 256K X 16 4Mb Asynchronous SRAM 256K X 16 STANDARD SRAM, 7 ns, PBGA48
|
SRAM Electronic Theatre Controls, Inc. GSI[GSI Technology] N.A. ETC
|
GS71116J-12I GS71116TP-12I GS71116TP-15I GS71116TP |
15ns 64K x 16 1Mb asynchronous SRAM 10ns 64K x 16 1Mb asynchronous SRAM 12ns 64K x 16 1Mb asynchronous SRAM
|
List of Unclassifed Manufacturers ETC[ETC] GSI Technology
|
AS7C3256AA AS7C3256A AS7C3256A-20TIN AS7C3256A-10J |
Quadruple D-Type Flip-Flops With Clear 16-TSSOP -40 to 85 Dual 4-Input Positive-NAND Gate 14-TSSOP -40 to 85 32K X 8 STANDARD SRAM, 20 ns, PDSO28 IC,AS7C3256A-10TCN,TSOP-28 ASY SRAM,10NS,32K X 8,3.3V 32K X 8 STANDARD SRAM, 10 ns, PDSO28 3.3V 32K X 8 CMOS SRAM (Common I/O) 32K X 8 STANDARD SRAM, 10 ns, PDSO28 Dual 4-Input Positive-NAND Gate 14-SOIC -40 to 85 32K X 8 STANDARD SRAM, 12 ns, PDSO28 Dual 4-Input Positive-NAND Gate 14-TVSOP -40 to 85 Dual 4-Input Positive-NAND Gate 14-SSOP -40 to 85 SRAM - 3.3V Fast Asynchronous
|
ALLIANCE MEMORY INC Alliance Memory, Inc. Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
GS78108B-12 GS78108B-12I GS78108B GS78108B-10 GS78 |
1M x 8 8Mb Asynchronous SRAM 1M X 8 STANDARD SRAM, 15 ns, PBGA119
|
GSI Technology, Inc.
|
IDT70T659S8BF IDT70T659S8BC IDT70T659S8BFI IDT70T6 |
High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 10ns High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 8ns High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 15ns JFET-Input Operational Amplifier 14-SOIC -40 to 85 256K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 10 ns, PQFP208 JFET-Input Operational Amplifier 14-SOIC 0 to 70 高.5V56/128K.3V 5011 2.5V的接口36 ASYNCHRONO美国双端口静RAM HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 12 ns, PBGA256 HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 12 ns, PBGA208 JFET-Input Operational Amplifier 14-SOIC 0 to 70 128K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 12ns
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT
|